Part Number Hot Search : 
NTE5512 0M0000 CY7C1020 6ABST 0E7MXXX 65C51 F1018 SSG4842N
Product Description
Full Text Search
 

To Download 15KE10AJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1.5KE6.8 THRU 1.5KE440CA(GPP) 1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION) FEATURES
* * * * * * * * Breakdown Voltage Peak Pulse Power 6.8 to 440 Volts 1500 Watts
DO-201(DO-27)
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated junction or silastic guard junction (open junction) 1500W peak pulse power capability with a 10/1000s Waveform, repetition rate (duty cycle): 0.05% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for unidirectional and 5.0ns for bidirectional types Devices with V(BR)10V, ID are typically less than 1.0A High temperature soldering guaranteed: 265/10 seconds, 0.375" (9.5mm) lead length, 51bs.(2.3kg) tension Cass: molded plastic body over passivated junction Terminals: plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color bands denotes positive end (cathode) except for bidirectional Mounting Position: any Weight: 0.045 ounces, 1.2 grams
1.0(25.4) MIN .220(5.6) .197(5.0)
DIA
.375(9.5) .335(8.5)
1.0(25.4) MIN
.042(1.06) .038(0.96)
DIA
MECHANICAL DATA
* * * * *
Dimensions in inches and (millimeters)
DEVICES FOR BIDRECTIONAL APPLICATIONS
* *
For bidirectional use C or CA suffix for types 1.5KE6.8 thru types 1.5K440 (e.g. 1.5KE6.8C, 1.5KE440CA).Electrical Characteristics apply in both directions. Suffix A denotes 5% tolerance device, No suffix A denotes 10% tolerance device
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*
Ratings at 25 ambient temperature unless otherwise specified Ratings Peak Pulse power dissipation with a 10/1000s waveform (NOTE1) Peak Pulse current with a 10/1000s waveform (NOTE1,FIG.1) Steady Stage Power Dissipation at TL=75 Lead lengths 0.375"(9.5mm)(Note2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) unidirectional only Maximum instantaneous forward voltage at 100.0A for unidirectional only (NOTE 3) Operating Junction and Storage Temperature Range
Symbols PPPM IPPM PM(AV) IFSM
Value Minimum 400 See Table 1 5.0 200.0
Unit Watts Amps Watts Amps
VF TJ, TSTG
3.5/5.0 50 to +150
Volts
Notes:
1. 2. 3. Non-repetitive current pulse, per Fig.3 and derated above TA=25 per Fig.2 Mounted on copper pads ares of 0.8x0.8"(20x20mm) per Fig 5. VF=3.5 V for devices of V (BR) 200V, and VF=5.0 Volts max. for devices of V(BR)200v
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1.5KE6.8 THRU 1.5KE440CA(GPP) 1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Electrical Characteristic at (TA =25 unless otherwise noted) TABLE1
Device Type 1.5KE6.8/J 1.5KE6.8A/J 1.5KE7.5/J 1.5KE7.5A/J 1.5KE8.2/J 1.5KE8.2A/J 1.5KE9.1/J 1.5KE9.1A/J 1.5KE10/J 1.5KE10A/J 1.5KE11/J 1.5KE11A/J 1.5KE12/J 1.5KE12A/J 1.5KE13/J 1.5KE13A/J 1.5KE15/J 1.5KE15A/J 1.5KE16/J 1.5KE16A/J 1.5KE18/J 1.5KE18A/J 1.5KE20/J 1.5KE20A/J 1.5KE22/J 1.5KE22A/J 1.5KE24/J 1.5KE24A/J 1.5KE27/J 1.5KE27A/J 1.5KE30/J 1.5KE30A/J 1.5KE33/J 1.5KE33A/J 1.5KE36/J 1.5KE36A/J 1.5KE39/J 1.5KE39A/J 1.5KE43/J 1.5KE43A/J 1.5KE47/J 1.5KE47A/J 1.5KE51/J 1.5KE51A/J 1.5KE56/J 1.5KE56A/J 1.5KE62/J 1.5KE62A/J Breakdown Voltage V(BR)(Volts) (Note 1) MIN 6.12 6.45 6.75 7.13 7.38 7.79 8.19 7.65 9 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18 19 19.8 20.9 21.6 22.8 24.3 25.7 27 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.7 48.5 50.4 53.2 55.8 58.9 MAX 7.48 7.14 8.25 7.88 9.02 8.61 10 9.55 11 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22 21 24.2 23.1 26.4 25.2 29.7 28.4 33 31.5 36.3 34.7 39.6 37.8 42.9 41 47.3 45.2 51.7 49.4 56.1 43.6 61.6 58.8 68.8 65.1 Test Current at IT (mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Stand-off Voltage VWM (Volts) 5.5 5.8 6.05 6.4 6.63 7.02 7.37 7.78 8.1 8.55 8.92 9.4 9372 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53 Maximum Reverse Leakage at VWM ID (A) 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Maximum Peak Pulse Current IPPM (Note 2) (Amps) 139 143 128 133 120 124 109 112 100 103 92.6 96.2 86.7 89.8 78.9 82.4 68.2 70.8 63.8 66.7 56.6 59.5 51.5 54.2 47 49 43.2 45.2 38.4 40 34.5 36.2 31.4 32.8 28.8 30.1 26.6 27.8 24.2 25.3 22.1 23.1 20.4 21.4 18.6 19.5 16.9 17.6 Maximum Clamping Voltage at IPPM VC(Volts) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15 14.5 16.2 15.6 17.3 16.7 19 18.2 22 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77 89 85 Maximum Temperature Coefficient of V(BR) (%/) Breakdown Voltage Peak Pulse Power 6.8 to 440 Volts 1500 Watts
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.089 0.09 0.09 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.1 0.1 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1.5KE6.8 THRU 1.5KE440CA(GPP) 1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Electrical Characteristic at (TA =25 unless otherwise noted) TABLE 1 (Cont'd)
Device Type 1.5KE68/J 1.5KE68A/J 1.5KE75/J 1.5KE75A/J 1.5KE82/J 1.5KE82A/J 1.5KE91/J 1.5KE91A/J 1.5KE100/J 1.5KE100A/J 1.5KE110/J 1.5KE110A/J 1.5KE120/J 1.5KE120A/J 1.5KE130/J 1.5KE130A/J 1.5KE150/J 1.5KE150A/J 1.5KE160/J 1.5KE160A/J 1.5KE170/J 1.5KE170A/J 1.5KE180/J 1.5KE180A/J 1.5KE200/J 1.5KE200A/J 1.5KE220/J 1.5KE220A/J 1.5KE250/J 1.5KE250A/J 1.5KE300/J 1.5KE300A/J 1.5KE350/J 1.5KE350A/J 1.5KE400/J 1.5KE400A/J 1.5KE440/J 1.5KE440A/J Breakdown Voltage V(BR)(Volts) (Note 1) MIN MAX Test Current at IT (mA) Stand-off Voltage VWM (Volts) Maximum Reverse Leakage at VWM ID (A) (Note3) Maximum Peak Pulse Current IPPM (Note 2) (Amps) Maximum Clamping Voltage at IPPM VC(Volts) Maximum Temperature Coefficient of V(BR) (%/) Breakdown Voltage Peak Pulse Power 6.8 to 440 Volts 1500 Watts
61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90 95 99 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 25 237 270 285 315 332 360 380 396 418
74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 159 175 167 187 179 197 189 220 210 242 231 275 267 330 315 385 368 440 420 484 462
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81 85.5 89.2 94 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 245 284 300 324 342 356 376
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
15.3 16.3 13.9 14.6 12.7 13.3 11.5 12 10.4 10.9 9.5 9.9 8.7 9.1 8 8.4 7 7.2 6.5 6.8 6.1 6.4 5.8 6.1 5.2 5.5 4.4 4.6 4.2 4.4 3.5 3.6 3 3.1 2.6 2.7 2.4 2.5
98 92 105 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602
0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11
Notes:/
(1) (2) (3) (4) V(BR) measured after IT applied for 300ms IT =square wave pulse or equivalent Surge current waveform per Figure 3 and derate per Fig.2 All terms and symbols are consistent with ANSI/IEEE C62.35 For bidirectional type having VWM of 10 volts and less, the lD limit is doubled
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1.5KE6.8 THRU 1.5KE440CA(GPP) 1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Breakdown Voltage Peak Pulse Power 6.8 to 440 Volts 1500 Watts
RATING AND CHARACTERISTIC CURVES 1.5KE6.8/J THRU 1.5KE440CA/J
100
PEAK PULSE POWER (PP P ) OR CURRENT(IPP ) DERATING IN PERCENTAGE %
FIG.1- PEAK PULSE POWER RATING CURVE
Non-Repetitive Pulse Waveform Shown in Figure 3 TA=25 10
FIG.2- PULSE DERATING CURVE
100
PP PM, PEAK PULSE POWER, kW
75
50
1.0
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
t d ,PULSE WIDTH, SEC
0
0
25
50
75
100
125
150
175
200
TA , AMBIENT TEMPERATURE () FIG.3- PULSE WAVEFORM
150 Pulse Width (td)is Defined as the Point Where the Peak Current Decays to 50% of lpp 10,000
FIG.4- TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL BIDIRECTIONAL
IPPM, PEAK PULSE CURRENT ,%
tf=10use 100 Peak Value lppm
CJ, CAPACITANCE, pF
1,000
VR =0
Half Value-lpp 2 50 10/1000usec Waveform as Defined by R.E.A.
100
TJ=25 f = 1.0MHz Vsig = 50mVp-p VR =RATED Stand-Off Voltage 5 10 100
VOLTS
0
td 0 1.0 2.0 3.0 4.0
10
500
t, TIME, ms
V(BR) ,BREALDOWN VOLTAGE,
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
FIG.5- STEADY STATE POWER DERATING CURVE
60 Hz Resistive or induction load
PEAK PEAK FORWARD SURGE CURRENT, AMPERES
5.00 L = 0.375" (9.5mm) LEAD LENGTHS 3.75
FIG.6 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
200 TJ =TJ max 8.3ms Single Half Since-Wave JEDEC Method
100
2.50 0.8x0.8x0.040" (20x20x1mm) COPPER HEAT SINKS 1.25
0
0
25
50
75
100
125
150
175
200
10
1
10
100
TL ,LEAD TEMPERATURE
NUMBER OF CYCLES AT 60 Hz
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1.5KE6.8 THRU 1.5KE440CA(GPP) 1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Breakdown Voltage Peak Pulse Power 6.8 to 440 Volts 1500 Watts
RATING AND CHARACTERISTIC CURVES 1.5KE6.8/J THRU 1.5KE440CA/J
FIG.7- INCREMENTAL CLAMPING VOLTAGE CURVE UNIDIRECTIONAL
100 100
FIG.8- INCREMENTAL CLAMPING VOLTAGE CURVE UNIDIRECTIONAL
WAVEFORM 10x1000 IMPULSE
Vc = Vc *V (BR)
WAVEFORM 8x20 IMPULSE
Vc = Vc *V (BR)
1.5KE200 1.5KE130
INCREMENTAL CLAMPING VOLTAGE
1.5KE200 1.5KE130 1.5KE100
20 10
INCREMENTAL CLAMPING VOLTAGE
20 10
1.5KE75
1.5KE75
1.5KE39
2.0 1.0
1.5KE39 1.5KE33 1.5KE6.8 1.5KE9.1 1.5KE18 1.5KE12
2.0 1.0
1.5KE33 1.5KE6.8 1.5KE9.1
VC,
0.2 0.1
VC,
0.2 0.1
0.5
1
2.0
10
20
50
0.5
1
2.0
10
50
IPP, PEAK PULSE CURRENT, AMPS
IPP, PEAK PULSE CURRENT, AMPS
FIG.9- INCREMENTAL CLAMPING VOLTAGE CURVE BIDIRECTIONAL
100 100
FIG.10- INCREMENTAL CLAMPING VOLTAGE CURVE BIDIRECTIONAL
WAVEFORM 10x100 IMPULSE
Vc = Vc *V (BR)
WAVEFORM 8x20 IMPULSE
Vc = Vc *V (BR)
INCREMENTAL CLAMPING VOLTAGE
20 10
1.5KE200C
INCREMENTAL CLAMPING VOLTAGE
1.5KE200C
20
1.5KE75C
10
1.5KE39C 1.5KE30C 1.5KE15C 1.5KE11C 1.5KE7.5C
1.5KE75C 1.5KE39C
2.0 1.0
1.5KE30C 1.5KE15C 1.5KE11C 1.5KE7.5C
2.0 1.0
VC,
0.2 0.1
VC,
0.2 0.1
0.5
1
2.0
10
20
50
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
IPP, PEAK PULSE CURRENT, AMPS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1.5KE6.8 THRU 1.5KE440CA(GPP) 1.5KE6.8J THRU 1.5KE440CAJ(OPEN JUNCTION)
Breakdown Voltage Peak Pulse Power 6.8 to 440 Volts 1500 Watts
RATING AND CHARACTERISTIC CURVES 1.5KE6.8/J THRU 1.5KE440CA/J
FIG.11- INSTANTANEOUS FORWARD VOLTAGE CHARAVTERISTICS CURVE
100
FIG.12- BREAKDOWN VOLTAGE TEMPERATURE COEFFICIENT CURVE
v, TEMPERATURE COEFFICIENT- mV
1000
100
UNIDIRECTIONAL
FORWARD CURRENT
10
BIDIRECTIONAL
10
PULSE WIDTH=300s 1% DUTY CYCLE TJ=25 1
1
5
10
20
50
100
200
500
V(BR) ,BREAKDOWN VOLTAGE, VOLTS
0.1
UNIDIRECTIONAL (ONLY)
0 0.4 0.8 1.2 1.6 2.0
INSTANTANEOUS FORWARD CURRENT AMPERES
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of 15KE10AJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X